Part Number Hot Search : 
PX0870 PCEA02 10ET3 MSS0607 PSBT125 2SC3869 BGA720 PCEA02
Product Description
Full Text Search
 

To Download BLM18AG221SN1D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  http://www.murata.com/ data sheet ! note: 1. this datasheet is downloaded from the website of murata manufacturing co., ltd. therefore, it?s specifications are subject t o change or our products in it may be discontinued without advance notice. please check with our sales representatives or product engineers bef ore ordering. 2. this datasheet has only typical specifications because there is no space for detailed specifications. therefore, please appr ove our product specifications or transact the approval sheet for product specifications before ordering. 1 o this data sheet is applied for chip ferrite bead used for general electronics equipment for your design. 2009.1.8 noise suppression products/emi suppression filters > chip emifil r inductor type > chip ferrite beads 0.4 0.2 1.6 0.15 0.8 0.15 0.8 0.15 (in mm) (resistance element becomes dominant at high frequencies.) chip emifil r inductor type chip ferrite beads blm18a series (0603 size)  dimension  equivalent circuit  packaging code packaging minimum quantity d 180mm paper tape 4000 j 330mm paper tape 10000 b bulk(bag) 1000  rated value ( p : packaging code) part number impedance (at 100mhz/20 c) impedance (at 1ghz/20 c) rated current dc resistance(max.) operating temperature range blm18ag121sn1 p 120ohm 25% - 500ma 0.18ohm -55 c to +125 c blm18ag151sn1 p 150ohm 25% - 500ma 0.25ohm -55 c to +125 c blm18ag221sn1 p 220ohm 25% - 500ma 0.25ohm -55 c to +125 c blm18ag331sn1 p 330ohm 25% - 500ma 0.30ohm -55 c to +125 c blm18ag471sn1 p 470ohm 25% - 500ma 0.35ohm -55 c to +125 c blm18ag601sn1 p 600ohm 25% - 500ma 0.38ohm -55 c to +125 c blm18ag102sn1 p 1000ohm 25% - 400ma 0.50ohm -55 c to +125 c number of circuits: 1 continued on the following page.
continued from the preceding page. http://www.murata.com/ data sheet ! note: 1. this datasheet is downloaded from the website of murata manufacturing co., ltd. therefore, it?s specifications are subject t o change or our products in it may be discontinued without advance notice. please check with our sales representatives or product engineers bef ore ordering. 2. this datasheet has only typical specifications because there is no space for detailed specifications. therefore, please appr ove our product specifications or transact the approval sheet for product specifications before ordering. 2 o this data sheet is applied for chip ferrite bead used for general electronics equipment for your design. 2009.1.8 1200 900 600 300 0 1 10 100 1000 frequency (mhz) impedance ( ? ) blm18ag102sn1 blm18ag601sn1 blm18ag121sn1 blm18ag151sn1 blm18ag221sn1 blm18ag331sn1 blm18ag471sn1 200 150 100 50 0 1 10 100 1000 frequency (mhz) impedance ( ? ) z r x 400 300 200 100 0 1 10 100 1000 frequency (mhz) impedance ( ? ) z r x 400 300 200 100 0 1 10 100 1000 frequency (mhz) impedance ( ? ) z r x 600 450 300 150 0 1 10 100 1000 frequency (mhz) impedance ( ? ) z r x 800 600 400 200 0 1 10 100 1000 frequency (mhz) impedance ( ? ) z r x noise suppression products/emi suppression filters > chip emifil r inductor type > chip ferrite beads  impedance-frequency characteristics (main)  impedance-frequency characteristics blm18ag121sn1  impedance-frequency characteristics blm18ag151sn1  impedance-frequency characteristics blm18ag221sn1  impedance-frequency characteristics blm18ag331sn1  impedance-frequency characteristics blm18ag471sn1 continued on the following page.
continued from the preceding page. http://www.murata.com/ data sheet ! note: 1. this datasheet is downloaded from the website of murata manufacturing co., ltd. therefore, it?s specifications are subject t o change or our products in it may be discontinued without advance notice. please check with our sales representatives or product engineers bef ore ordering. 2. this datasheet has only typical specifications because there is no space for detailed specifications. therefore, please appr ove our product specifications or transact the approval sheet for product specifications before ordering. 3 o this data sheet is applied for chip ferrite bead used for general electronics equipment for your design. 2009.1.8 800 600 400 200 0 1 10 100 1000 frequency (mhz) impedance ( ? ) z r x 1200 900 600 300 0 1 10 100 1000 frequency (mhz) impedance ( ? ) z r x noise suppression products/emi suppression filters > chip emifil r inductor type > chip ferrite beads  impedance-frequency characteristics blm18ag601sn1  impedance-frequency characteristics blm18ag102sn1 ! caution (rating) do not use products beyond the rated current and rated voltage as this may create excessive heat and deteriorate the insulation resistance. notice solderability of tin plating termination chip might be deteriorated when low temperature soldering profile where peak solder temperature is below the tin melting point is used. please confirm the solderability of tin plating termination chip before use.  ! caution/notice


▲Up To Search▲   

 
Price & Availability of BLM18AG221SN1D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X